Part Number Hot Search : 
PTMU0524 A116C LL5228B T311008 ST890BD 60NF06 BCM56 560MA
Product Description
Full Text Search
 

To Download 2SC15142 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
2SC1514
DESCRIPTION *With TO-220F package *High Voltage *High frequency APPLICATIONS *TV chroma, video, audio output applications
PINNING PIN 1 2 3 Base Collector Emitter Fig.1 simplified outline (TO-220F) and symbol DESCRIPTION
Absolute maximum ratings (Ta=25 )
SYMBOL VCBO VCEO VEBO IC ICM PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Collector current-peak Ta=25 PC Collector power dissipation TC=25 Tj Tstg Junction temperature Storage temperature 15 150 -40~150 CONDITIONS Open emitter Open base Open collector VALUE 300 300 7 0.1 0.2 1.25 W UNIT V V V A A
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
CHARACTERISTICS
Tj=25 unless otherwise specified PARAMETER CONDITIONS MIN
2SC1514
SYMBOL
TYP.
MAX
UNIT
VCEsat VBE V(BR)CBO V(BR)CEO V(BR)EBO hFE COB fT
Collector-emitter saturation voltage
IC=20mA IB=2m A IC=20mA ; VCE=20V IC=10A;IE=0 IC=100A; IB=0 IE=10A; IC=0 IC=20mA ; VCE=20V IE=0; VCB=30V;f=1MHz IE=20mA ; VCB=20V 50 300
1.5
V
Base-emitter on voltage
1.2
V
Collector-base breakdown voltage
V
Collector-emitter breakdown voltage
300
V
Emitter-base breakdown voltage
7
V
DC current gain
30
200
Output capacitance
4
pF
Transition frequency
MHz
2
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
2SC1514
Fig.2 outline dimensions
3


▲Up To Search▲   

 
Price & Availability of 2SC15142

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X